Part Number Hot Search : 
BAT54H MDS731 101MP KBU10M 16080 TLP1032F 2762I HD74L
Product Description
Full Text Search
 

To Download KBPC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC1005 THRU KBPC110
3A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Features * * * * * Surge overload rating-50 amperes peak Low forward voltage drop Small size: simple installation Tinned copper leads Mounting Position: Any
Absolute Maximum Ratings and Characteristics Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%.
KBPC 1005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current TC = 50 C* O TC = 100 C* O TA = 50 C**
O
KBPC 101 100 70
KBPC 102 200 140
KBPC 104 400 280 3 2 2 50 1.1 10 1 -55 to +125 -55 to +150
KBPC 106 600 420
KBPC 108 800 560
KBPC 110 1000 700
Units V V A A A A V uA mA
O O
50 35
Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage Drop per Bridge Element at 1.5A Peak Maximum Reverse Current at Rated TA = 25 OC DC Blocking Voltage per Element TA = 100 OC Operating Temperature Range TC Storage Temperature Range TA
C C
Notes: * Unit mounted on metal chassis ** Unit mounted on P.C. board
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 03/10/2003
KBPC1005...KBPC110
RATINGS AND CHARACTERISTIC CURVES (KBPC1 SERIES)
FIG.1-MAXIMUM FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
FIG.2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
AVERAGE FORWARD OUTPUT CURRENT AMPERES
60 50 40 30 20 10 0 1 10 100 Tj=25oC
4 3
HEAT SINK MOUNTING Tc
2
PC MOUNTING TA
1 0 0
50
100
o
150
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE. ( C)
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
INSTANTANEOUS FORWARD CURRENT AMPERES
1.0
1.0
Tj=25oC 0.1
0.1
Tj=25oC
0.01
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 03/10/2003


▲Up To Search▲   

 
Price & Availability of KBPC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X